Part Number Hot Search : 
00221 AP1652 10P05 1200B L2101 ISP1105W 2SK14 1N4728
Product Description
Full Text Search
 

To Download 780-55525PG4-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 780-555
Rubber Covers for Tactical Equipment and Field Instruments - These friction-fit covers provide dust and splash protection. Two Tether Styles - Choose ring terminals for attachment to a panel, or choose slip knots for cable attachment. -55 to +125 Temperature Range
MATERIALS & FINISHES
Cover Cord Ring Terminal Slip Collar Crimp Ring SBR Rubber Per ASTM D2000 Type C Nylon Per MIL-C-43307 Stainless Steel Kynar Copper, Black Oxide Finish
Fits Metal Shell M83513 Type Connectors
HOW TO ORDER 780-555 RUBBER PROTECTIVE COVERS
Series 780-555 Connector Layout 9P 15P 21P 25P 31P 37P 51P 51-2P 67P 69P 100P 9S 15S 21S 25S 31S 37S 51S 51-2S 67S 69S 100S Nylon Cord Option Omit - (leave blank)
Cover only, no cord
Nylon Cord Length Length in One Inch Increments
Example: "6" equals six inches. .250 Inches 6.35 mm
Attachment Option Ring Terminal 06 - .125 (3.2) I.D. 01 - .140 (3.6) I.D. 05 - .167 (4.2) I.D. 04 - .197 (5.0) I.D.
Rubber Type Omit
Standard Rubber
G - Nylon Cord
C
Conductive Rubber
SK - Slip Knot
Sample Part Number
780-555 37P G
.40 (10.2) .25 (6.4) MAX .310 (7.9) MAX RING TERMINAL
4
- SK
LENGTH
LENGTH DETERMINED AT .50 (12.7) DIA.
B SLIP KNOT
B Max. mm. 21.08 24.89 28.70 31.24 35.05 38.86
In . mm.
A
A Max. Layout 9P, 9S 15P, 15S 21P, 21S 25P, 25S 31P, 31S 37P, 37S In. .830 .980 1.130 1.230 1.380 1.530
A Max. Layout 51P, 51S 51-2P, 51-2S 67P, 67S 69P, 69S 100P, 100S In. 1.480 1.880 2.770 1.780 2.215 mm. 37.59 47.75 70.36 45.21 56.26
In .
B Max.
mm.
.370 .370 .370 .370 .370 .370
9.40 9.40 9.40 9.40 9.40 9.40
.410 .370 .370 .410 .460
10.41 9.40 9.40 10.41 11.68
(c) 2011 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com N-7
Micro-D Accessories
"Marshal Bean" Protective Rubber Covers with Tether Rope
N


▲Up To Search▲   

 
Price & Availability of 780-55525PG4-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X